bright view electronics co.,ltd dice material : al gainp orange red light color : orange red color lens color : water transparent stand-off p/n : BVU-5E1QG4 r radiation pattern tolerance 0.25 @ absolute maximum ratings at ta = 25 unit mw ma ma v ma/ o c electrical / optical characteristics at ta = 25 symbol unit v f v i r ? a n m n m 2 e 1/2 deg bin grade limits ( i f = 20 ma ) luminous intensity / mcd bin o p q r s t min. 3600 4650 6000 7800 10000 13000 max. 4650 6000 7800 10000 13000 16800 2004/4/17 ? a package configuration ultra brightness led lamp description BVU-5E1QG4 bvt-5e1qg4 parameter max. power dissipation 80 continuous forward current 30 peak forward current ( 1/10 duty cycle , 0.1ms pulse width ) 160 reverse voltage 5 derating linear from 50 : 0.4 operating temperature range 40 : to 100 : storage temperature range 40 : to 100 : lead solder temperature 1.6 mm below package 260 : for 5 seconds parameter test cond. min. typ. max. 2.7 reverse current v r = 5v 100 forward voltage i f = 20 ma 2.2 dominant wavelength i f = 20 ma 625 peak emission wavelength i f = 20 ma 630 *dominant wavelength, d is according to cie chromaticity diagram base on color of lamps. * e 1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity. viewing angle i f = 20 ma 15 *bright view reserves the rights to alter specifications and remove availability of products at any time without notice. tolerance 15%mcd cathode cathode 1.3 5.9 5.9 4.9 5.0 7.6 1.0 2.54 12.8 0.5 25.4min. 2.54 1.0min. 0.5 1.0max. 25.4min. 1.0 25 relative luminous intensit y ( iv % ) 50 50 75 0 25 100 100 75 0 -30 30 60 -60
bright view electronics co.,ltd algainp led light emitting diode t jmax = 130 c
bright view electronics co.,ltd lamp packing fig. polybag / box a q'ty / polybag (pcs) device 3mm 3 : 80,000pcs 5mm : 56,000pcs 4 boxes / carton 1000pcs blue / green / white : 36,000pcs 1000pcs 53 item no. device: q'ty pcs. n. w.: pcs. g. w.: pcs. 33 carton dimension(cm): 53*32*33 3mm(t-1) 5mm(t-1 3/4) blue / green / white 2003 / 9 / 15 - a 32 500pcs 20 bags 18 bags 14 bags re y label 1 label 2 label 1 x: bin grade : wavelength : vf bvu-5m5xxxxx electronics co.,ltd. qa 29 box dimension(cm): 29*25*15 15 3mm or 5mm polybag bright view part no.: grade: lot no.: q'ty x- pcs - label 1 label 1 or label 2 attach on it. 25 type q'ty n,w g,w c.no 333 pcs kgs kgs 33333333333333333333333 3 anti-electrostatic bag electrostatic sensitive devices do not open or handle except at a static-free workstation electronics co.,ltd. bright view pcs lot no.: grade: q'ty part no.: qa dbvujpo label 2 bvu bvt - 5 x 1 x x 4 x r stand-offs luminous grade -refer to the selection guide for bin options lens color -refer to lens color (1) to (9) dice code -refer to the selection guide lens configuration -refer to lens drawing view angle -refer to the selection guide (a) to (z) outline dimension -refer to the outline dimension
|